Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB-14988 Datasheet (PDF) - SparkFun Electronics

Part # CAB-14988
Description  Qwiic Cable - Female Jumper (4-pin)
File Size   116.88 Kbytes
Html View  1   2 
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

CAB-14988 Datasheet (PDF) - SparkFun Electronics



Similar Part No. - CAB-14988

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CAB-14911 SPARKFUN-CAB-14911 Datasheet
123Kb / 2P
Interface Cable N to RP-SMA Cable - 1m
9??1??8
CAB-14990 SPARKFUN-CAB-14990 Datasheet
98Kb / 2P
Cable - 5 Pin 1mm Pitch - 100mm
12??0??8
CAB-14991 SPARKFUN-CAB-14991 Datasheet
104Kb / 2P
Cable - 5 Pin 1mm Pitch - 200mm
12??0??8
CAB-14992 SPARKFUN-CAB-14992 Datasheet
103Kb / 2P
Cable - 5 Pin 1mm Pitch - Breadboard Jumper
12??0??8
More results


Similar Description - CAB-14988

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZCR1510041J1 SCHNEIDER-XZCR1510041J1 Datasheet
103Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M8 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCRA151141C5 SCHNEIDER-XZCRA151141C5 Datasheet
108Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 5m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
XZCRV2611V3Z2 SCHNEIDER-XZCRV2611V3Z2 Datasheet
81Kb / 3P
jumper cable XZ - male straight M8 4 pin - female straight M12 4 pin - PVC 2m
Dec 7, 2020
XZCRV1509041J1 SCHNEIDER-XZCRV1509041J1 Datasheet
79Kb / 3P
jumper cable XZ - male straight M12 4 pin - female straight M8 4 pin - PVC 1m
Dec 7, 2020
XZCRV1509041J2 SCHNEIDER-XZCRV1509041J2 Datasheet
80Kb / 3P
jumper cable XZ - male straight M12 4 pin - female straight M8 4 pin - PVC 2m
Dec 7, 2020
XZCRV1511041C1 SCHNEIDER-XZCRV1511041C1 Datasheet
85Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 1m
Dec 7, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com