Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0914374 Datasheet (PDF) - PHOENIX CONTACT

Part # 0914374
Description  Thermomagnetic device circuit breaker - TMC 1 M1 100 0,2A
File Size   102.88 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0914374 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0914374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914303 PHOENIX-0914303 Datasheet
412Kb / 10P
TMC 1 F1 200 4,0A - Thermal-magnetic device circuit breaker
0914316 PHOENIX-0914316 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 5,0A
11.06.2012
0914329 PHOENIX-0914329 Datasheet
101Kb / 7P
Thermomagnetic device circuit breaker - TMC 1 F1 200 6,0A
09/11/2020
0914345 PHOENIX-0914345 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 10,0A
11.06.2012
0914361 PHOENIX-0914361 Datasheet
153Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 F1 200 16,0A
11.06.2012
More results


Similar Description - 0914374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914387 PHOENIX-0914387 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,3A
11.06.2012
0914400 PHOENIX-0914400 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,5A
11.06.2012
0914413 PHOENIX-0914413 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,6A
11.06.2012
0914426 PHOENIX-0914426 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,8A
04.10.2012
0914442 PHOENIX-0914442 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 1,5A
04.10.2012
0914455 PHOENIX-0914455 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 2,0A
11.06.2012
0914468 PHOENIX-0914468 Datasheet
120Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 2,5A
11.06.2012
0914471 PHOENIX-0914471 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 3,0A
11.06.2012
0914497 PHOENIX-0914497 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 5,0A
11.06.2012
0914507 PHOENIX-0914507 Datasheet
155Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 6,0A
11.06.2012
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com