| Manufacturer | Part # | Datasheet | Description |
 Integrated Device Techn... |
IDT7M1001
|
171Kb / 11P |
128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
|
 MOSAIC |
MSM8128
|
585Kb / 10P |
128K x 8 SRAM
|
 Everspin Technologies I... |
MR0A08B
|
1Mb / 23P |
128K x 8 MRAM
Rev. 8.6, 3/2018 |
|
MR0DL08B
|
786Kb / 16P |
Dual Supply 128K x 8 MRAM
Rev. 1.3, 3/2018 |
|
MR1A16A
|
1Mb / 20P |
128K x 16 MRAM Memory
Rev. 1.1 03/2020 |
|
MR256A08B
|
1Mb / 24P |
32K x 8 MRAM
Rev. 6.5 3/2018 |
|
MR256D08B
|
764Kb / 16P |
Dual Supply 32K x 8 MRAM
Rev. 3.3 3/2018 |
|
MR256DL08B
|
696Kb / 16P |
Dual Supply 32K x 8 MRAM
Rev.2.3 3/2018 |
|
MR2A08A
|
901Kb / 15P |
512K x 8 MRAM Memory
Rev. 6.3, 3/2018 |
|
MR4A08B
|
839Kb / 15P |
2M x 8 MRAM Memory
Rev. 8.7 3/2018 |