Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KZ65 Datasheet (PDF) - Schneider Electric

Part # KZ65
Description  IP 65 seal for 45 x 45 mm front plate and front mounting cam switch - set of 5
File Size   155.5 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KZ65 Datasheet (PDF) - Schneider Electric



Similar Part No. - KZ65

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ62 SCHNEIDER-KZ62 Datasheet
92Kb / 2P
IP 65 seal for 60 x 60 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022
KZ66 SCHNEIDER-KZ66 Datasheet
155Kb / 2P
IP 65 seal for 60 x 60 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022
More results


Similar Description - KZ65

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2959531 PHOENIX-2959531 Datasheet
90Kb / 4P
UM 45-FLK34/FRONT/Q
2959557 PHOENIX-2959557 Datasheet
100Kb / 5P
UM 45-FLK50/FRONT/Q
2959641 PHOENIX-2959641 Datasheet
110Kb / 5P
UM 45-D50SUB/B/FRONT/Q
logo
Schneider Electric
KZ18 SCHNEIDER-KZ18 Datasheet
119Kb / 2P
legend for cam switch unmarked - 45 x 45 mm
Feb 10, 2022
KZ62 SCHNEIDER-KZ62 Datasheet
92Kb / 2P
IP 65 seal for 60 x 60 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022
KZ66 SCHNEIDER-KZ66 Datasheet
155Kb / 2P
IP 65 seal for 60 x 60 mm front plate and front mounting cam switch - set of 5
Feb 10, 2022
KZ81 SCHNEIDER-KZ81 Datasheet
134Kb / 2P
TeSys Mini-VARIO and VARIO - mounting plate for handle - set of 5
Feb 10, 2022
KZ83 SCHNEIDER-KZ83 Datasheet
162Kb / 2P
TeSys VARIO - mounting plate for handle - set of 5
Feb 10, 2022
KZ106 SCHNEIDER-KZ106 Datasheet
144Kb / 2P
adaptor plate 90 x 90 mm for door mounting of handle - set of 5
Feb 10, 2022
KZ18451 SCHNEIDER-KZ18451 Datasheet
115Kb / 2P
legend for cam switch 1 - 0 - 2 - 45 x 45 mm
Feb 10, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com