Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KZ127 Datasheet (PDF) - Schneider Electric

Part # KZ127
Description  adaptor plate for 횠22 cam switch with metal bezel
File Size   138.85 Kbytes
Html View  1   2 
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KZ127 Datasheet (PDF) - Schneider Electric



Similar Part No. - KZ127

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ103 SCHNEIDER-KZ103 Datasheet
113Kb / 2P
legend holder with blank legend plate - for front plate 90 x 90 mm
Feb 10, 2022
KZ106 SCHNEIDER-KZ106 Datasheet
144Kb / 2P
adaptor plate 90 x 90 mm for door mounting of handle - set of 5
Feb 10, 2022
KZ18 SCHNEIDER-KZ18 Datasheet
119Kb / 2P
legend for cam switch unmarked - 45 x 45 mm
Feb 10, 2022
KZ18043 SCHNEIDER-KZ18043 Datasheet
162Kb / 1P
legend for cam switch 0 to 3 - 45 x 45 mm
KZ18451 SCHNEIDER-KZ18451 Datasheet
115Kb / 2P
legend for cam switch 1 - 0 - 2 - 45 x 45 mm
Feb 10, 2022
More results


Similar Description - KZ127

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011312176 MOLEX11-0011312176 Datasheet
1Mb / 4P
UNIVERSAL ADAPTOR PLATE
logo
List of Unclassifed Man...
KZ32 ETC2-KZ32 Datasheet
59Kb / 1P
DOOR INTERLOCK PLATE FOR CAM SWITCH
logo
FCI connector
D15S13A4GV00LF FCI-CONNECTOR-D15S13A4GV00LF Datasheet
90Kb / 1P
SCREWLOCK, HARPOON,METAL PLATE. SCREWLOCK,HARPOON,METAL PLATE.
logo
List of Unclassifed Man...
11003009601 ETC2-11003009601 Datasheet
49Kb / 1P
Adapterplatte adaptor plate
logo
Schneider Electric
HJKADAPT SCHNEIDER-HJKADAPT Datasheet
93Kb / 2P
CIRCUIT BREAKER ADAPTOR PLATE
Apr 19, 2021
ZBYM2104 SCHNEIDER-ZBYM2104 Datasheet
70Kb / 2P
legend plate metal with arret marking
Nov 8, 2021
ZBYM2303 SCHNEIDER-ZBYM2303 Datasheet
71Kb / 2P
legend plate metal with start marking
Nov 8, 2021
K1F003MCH SCHNEIDER-K1F003MCH Datasheet
152Kb / 9P
Harmony K1, K2, Cam ammeter switch, 3 circuits, 90째, 12 A for 횠22 mm
Feb 3, 2022
KSW7 SCHNEIDER-KSW7 Datasheet
111Kb / 1P
cam for rotary cam switch
Feb 3, 2022
KAA1S SCHNEIDER-KAA1S Datasheet
124Kb / 2P
operating head for cam switch - black plastic bezel 횠 29 mm - key - hole 횠 22 mm
Feb 10, 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com