Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA9801 Datasheet (PDF) - Qorvo, Inc

Part # QPA9801
Description  1805 ??2400 MHz 1/4W Balanced Amplifier
File Size   882.16 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA9801 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPA9801

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9801 QORVO-QPA9801 Datasheet
913Kb / 11P
1805 ??2400 MHz 1/4W Balanced Amplifier
QPA9801PCB401 QORVO-QPA9801PCB401 Datasheet
913Kb / 11P
1805 ??2400 MHz 1/4W Balanced Amplifier
QPA9801SR QORVO-QPA9801SR Datasheet
913Kb / 11P
1805 ??2400 MHz 1/4W Balanced Amplifier
QPA9801TR13 QORVO-QPA9801TR13 Datasheet
913Kb / 11P
1805 ??2400 MHz 1/4W Balanced Amplifier
More results


Similar Description - QPA9801

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0066 MACOM-MAAPSS0066 Datasheet
233Kb / 5P
WDCT Power Amplifier 2400 - 2500 MHz
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
TriQuint Semiconductor
QPA9807 TRIQUINT-QPA9807 Datasheet
1,011Kb / 8P
2300 - 2700 MHz 1/4W Balanced Amplifier
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
3400 - 3800 MHz 1/4W Balanced Amplifier
QPA9805 TRIQUINT-QPA9805 Datasheet
956Kb / 11P
600 ??1000 MHz 1/2W Balanced Amplifier
logo
Qorvo, Inc
QPA9801 QORVO-QPA9801 Datasheet
913Kb / 11P
1805 ??2400 MHz 1/4W Balanced Amplifier
QPA9805 QORVO-QPA9805 Datasheet
929Kb / 13P
600 ??1000 MHz 1/2W Balanced Amplifier
November 4, 2020
QPA9807 QORVO-QPA9807 Datasheet
1Mb / 10P
2300 ??2700 MHz 1/4W Balanced Amplifier
November 4, 2020
QPA9842 QORVO-QPA9842 Datasheet
896Kb / 11P
2700 ??3800 MHz 1/4W Balanced Amplifier
November 4, 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com