Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDT Datasheet (PDF) - Schurter Inc.

Part # LDT
Description  Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
File Size   404.77 Kbytes
Html View  1   2   3   4 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

LDT Datasheet (PDF) - Schurter Inc.



Similar Part No. - LDT_V02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
LDT SCHURTER-LDT_V01 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
More results


Similar Description - LDT_V02

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
4001UL GRAYHILL-4001UL Datasheet
63Kb / 1P
Momentary or Momentary With Positive Feel
logo
List of Unclassifed Man...
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
Momentary or latching action key switches
logo
Grayhill, Inc
400110-09 GRAYHILL-400110-09 Datasheet
213Kb / 1P
Momentary or Momentary With Positive Feel
logo
C&K Components
PHB CK-COMPONENTS-PHB Datasheet
260Kb / 3P
Momentary or latching action
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
SDK SCHURTER-SDK Datasheet
252Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
LDT SCHURTER-LDT_V01 Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
SDK SCHURTER-SDK_V02 Datasheet
263Kb / 3P
Printmount Switch, Medium Stroke, 7.5 mm
04.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com