Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMJS2D5N06CLTWG Datasheet (PDF) - ON Semiconductor

Part # NTMJS2D5N06CLTWG
Description  Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
File Size   352.82 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMJS2D5N06CLTWG Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMJS2D5N06CLTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS0D7N03CG ONSEMI-NTMJS0D7N03CG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
February2021-Rev. 0
NTMJS0D7N03CGTWG ONSEMI-NTMJS0D7N03CGTWG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
February2021-Rev. 0
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D8N04CLTWG ONSEMI-NTMJS0D8N04CLTWG Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
More results


Similar Description - NTMJS2D5N06CLTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5865NLT4G ONSEMI-NVD5865NLT4G Datasheet
115Kb / 6P
Power MOSFET 60 V, 46 A, 16 m, Single N?묬hannel
January, 2013 ??Rev. 2
NVMFS5826NLT1G ONSEMI-NVMFS5826NLT1G Datasheet
116Kb / 6P
Power MOSFET 60 V, 24 m, 26 A, Single N?묬hannel
May, 2013 ??Rev. 3
NVMFS5C612N ONSEMI-NVMFS5C612N Datasheet
151Kb / 6P
Power MOSFET 60 V, 1.65 m, 225 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C668NL ONSEMI-NTD5C668NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 8.9 m, 48 A, Single N?묬hannel
May, 2018 ??Rev. 1
NTD5C688NL ONSEMI-NTD5C688NL Datasheet
180Kb / 7P
Power MOSFET 60 V, 27.4 m, 17 A, Single N?묬hannel
May, 2018 ??Rev. 2
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMYS3D3N06CL ONSEMI-NTMYS3D3N06CL Datasheet
322Kb / 7P
Power MOSFET 60 V, 3.0 m, 133 A, Single N?묬hannel
March, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVMJS2D5N06CL ONSEMI-NVMJS2D5N06CL Datasheet
370Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A
June, 2021 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com