Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS32K144HATXVLFR Datasheet (PDF) - NXP Semiconductors

Part # FS32K144HATXVLFR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
File Size   1587.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K144HATXVLFR Datasheet (PDF) - NXP Semiconductors



Similar Part No. - FS32K144HATXVLFR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS32K144HAT0M NXP-FS32K144HAT0M Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K144HAT0MLHT NXP-FS32K144HAT0MLHT Datasheet
1Mb / 84P
S32K1xx Data Sheet
Rev. 9, 09/2018
FS32K144HAT0V NXP-FS32K144HAT0V Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K144HAT0VLHT NXP-FS32K144HAT0VLHT Datasheet
1Mb / 100P
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 13, 04/2020
More results


Similar Description - FS32K144HATXVLFR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
logo
Princeton Technology Co...
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
ARM 짰 Cortex??M0 Micontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
ARM 짰 Cortex??M0 Microcontroller
logo
List of Unclassifed Man...
BT832A ETC2-BT832A Datasheet
881Kb / 22P
Nordic nRF52 with ARM Cortex M4F
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
NXP Semiconductors
S32K144 NXP-S32K144 Datasheet
1Mb / 100P
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 13, 04/2020
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
logo
AAEON Technology
SPG-M041 AAEON-SPG-M041 Datasheet
617Kb / 2P
Gateway System with ARM Cortex M4F 180MHz
2022/09/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com