| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
GV2ME01
|
94Kb / 2P |
Motor circuit breaker, TeSys GV2, 3P, 0.1-0.16A
Oct 13, 2020 |
|
LU9R03
|
85Kb / 2P |
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 0.3 m
May 11, 2022 |
|
LU9R10
|
85Kb / 2P |
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 1 m
May 11, 2022 |
|
LU9R30
|
85Kb / 2P |
Connection cable, motor starter, TeSys Ultra to splitter box, 2 RJ45, 3m
May 11, 2022 |
|
GVAE20
|
116Kb / 4P |
TeSys Deca - auxiliary contact - 2 NO
May 12, 2022 |
 PHOENIX CONTACT |
0902302
|
48Kb / 3P |
Thermomagnetic device circuit breaker - TMC 62C 63A
01.06.2012 |
|
0902454
|
47Kb / 2P |
Thermomagnetic device circuit breaker - TMC 63C 63A
01.06.2012 |
 Schneider Electric |
GVAE20
|
115Kb / 2P |
TeSys Deca - auxiliary contact - 2 NO
Jun 2, 2022 |
|
LAD324
|
108Kb / 2P |
TeSys Deca motor circuit breaker ??accessory ??power splitter box ??63A ??for 4 starters
Jun 7, 2022 |
|
VLS1P063D2S
|
96Kb / 3P |
Disconnect switch, TeSys VLS, additional pole, 63A, for 30A and 63A switch, size 2, door mount
Jun 27, 2022 |