Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2800849 Datasheet (PDF) - PHOENIX CONTACT

Part # 2800849
Description  Thermomagnetic device circuit breaker - CB TM1 3A M1P
File Size   113.01 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2800849 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2800849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800840 PHOENIX-2800840 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 5A SFBP
18.01.2013
2800840 PHOENIX-2800840 Datasheet
505Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 96-110 V DC, output: 24 V DC, output current: 10 A
2015-11-24
2800840 PHOENIX-2800840 Datasheet
466Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 10 A
2014-02-13
2800840 PHOENIX-2800840 Datasheet
562Kb / 21P
DC/DC converter with SFB technology, dip-coated, primary-switched, input: 24 V DC, output: 24 V DC, output current: 20 A
2014-02-13
2800840 PHOENIX-2800840 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results


Similar Description - 2800849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800846 PHOENIX-2800846 Datasheet
113Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 0.5A M1P
18.01.2013
2800847 PHOENIX-2800847 Datasheet
113Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 1A M1P
18.01.2013
2800848 PHOENIX-2800848 Datasheet
113Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 2A M1P
18.01.2013
2800850 PHOENIX-2800850 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 4A M1P
18.01.2013
2800851 PHOENIX-2800851 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 5A M1P
18.01.2013
2800852 PHOENIX-2800852 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 6A M1P
18.01.2013
2800853 PHOENIX-2800853 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 8A M1P
18.01.2013
2800854 PHOENIX-2800854 Datasheet
113Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 10A M1P
18.01.2013
2800855 PHOENIX-2800855 Datasheet
112Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 12A M1P
18.01.2013
2800882 PHOENIX-2800882 Datasheet
108Kb / 8P
Thermomagnetic device circuit breaker - CB TM2 3A M1P
18.01.2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com