| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
8536SCO3V02S
|
156Kb / 3P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jun 30, 2022 |
|
8536SCO3V06
|
169Kb / 3P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Jun 30, 2022 |
|
8536SCO3V06S
|
156Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Jul 4, 2022 |
|
8536SCO3V02SX22
|
160Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 13, 2022 |
|
8536SCG3V07
|
123Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 600 VAC coil, NEMA 1
Jul 21, 2022 |
|
8536SCO3V01SX11
|
160Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 24 VAC coil, open
Jul 21, 2022 |
|
8536SCO3V02SX01
|
160Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 21, 2022 |
|
8536SCO3V02SX20
|
160Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 20, 2022 |
|
8536SCTO3V01S
|
145Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 24 VAC coil, open
Aug 3, 2022 |
|
8536SCTO3V06
|
145Kb / 2P |
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Aug 3, 2022 |
|