Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSO Datasheet (PDF) - Schurter Inc.

Part # CSO
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
File Size   329.26 Kbytes
Html View  1   2   3 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CSO Datasheet (PDF) - Schurter Inc.



Similar Part No. - CSO_V01

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-25-49.152 CRYSTEKCRYSTAL-CSO-016T-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-49.152 CRYSTEKCRYSTAL-CSO-016T-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016T-50-49.152 CRYSTEKCRYSTAL-CSO-016T-50-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
CSO-016TM-25-49.152 CRYSTEKCRYSTAL-CSO-016TM-25-49.152 Datasheet
111Kb / 1P
5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
More results


Similar Description - CSO_V01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231660 SCHURTER-231660 Datasheet
211Kb / 1P
Clip, 10.3 x 38 mm, UR
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
A10GG SCHURTER-A10GG Datasheet
281Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500_16 Datasheet
260Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
Clip, 10.3 x 38 mm, UR
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
A10GG SCHURTER-A10GG_V01 Datasheet
166Kb / 3P
Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com