| Manufacturer | Part # | Datasheet | Description |
 Diodes Incorporated |
SBR2A30P1
|
306Kb / 4P |
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2 |
|
SBR2A40P1
|
336Kb / 4P |
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A40P1 Rev. 5 - 2 |
|
SBR2M30P1
|
333Kb / 4P |
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2 |
|
SBR2U30P1
|
319Kb / 4P |
2.0A SBR Super Barrier Rectifier
SBR2U30P1 Rev. 4 - 2 |
|
SBR2A40SA
|
119Kb / 4P |
2.0A SBR SUPER BARRIER RECTIFIER SMA
DS31769 Rev. 2 - 2 |
|
SBR2A40BLP
|
530Kb / 5P |
2.0A SBR BRIDGE SUPER BARRIER RECTIFIER
Rev erse |
|
SBR2U150SA
|
222Kb / 5P |
2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
May 2013 |
|
SBR3A40SAF
|
320Kb / 4P |
3A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
September 2013 |
|
SBR3U20SA
|
132Kb / 5P |
3.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER SMA
September 2014 |
|
SBR20E100CT
|
389Kb / 5P |
20A SBR® SUPER BARRIER RECTIFIER
September 2015 |