Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP5-99AMCT-B6-P/W Datasheet (PDF) - DB Lectro Inc

Part # BTP5-99AMCT-B6-P/W
Description  ProLite 5W SMD Star
File Size   328.27 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTP5-99AMCT-B6-P/W Datasheet (PDF) - DB Lectro Inc



Similar Part No. - BTP5-99AMCT-B6-P/W

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
BTP5401N3 CYSTEKEC-BTP5401N3 Datasheet
162Kb / 4P
General Purpose PNP Epitaxial Planar Transistor
More results


Similar Description - BTP5-99AMCT-B6-P/W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
5W5W AMPLIFIER
January 2000
TDA7266D STMICROELECTRONICS-TDA7266D Datasheet
192Kb / 13P
5W5W DUAL BRIDGE AMPLIFIER
May-2003
logo
DB Lectro Inc
BTP-99XXCG-XX-X DBLECTRO-BTP-99XXCG-XX-X Datasheet
539Kb / 10P
ProLite 1W SMD Emitter
BTP-99XXCT-XX-X DBLECTRO-BTP-99XXCT-XX-X Datasheet
523Kb / 8P
ProLite 1W SMD Star
BTP3-99XXCG-XX-X DBLECTRO-BTP3-99XXCG-XX-X Datasheet
372Kb / 10P
ProLite 3W SMD Emitter
logo
Rohm
BA5406 ROHM-BA5406_1 Datasheet
160Kb / 5P
5W5W Stereo Speaker Amplifiers
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
5W5W AMPLIFIER
Sep-2003
logo
Rohm
BA5406 ROHM-BA5406_05 Datasheet
899Kb / 9P
5W5W Stereo Speaker Amplifiers
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_15 Datasheet
427Kb / 5P
DC/DC CONVERTER 5W, SMD-Package
logo
HK TO-GRACE TECHNOLOGY ...
VLMR71AAAC-GS08 TO-GRACE-VLMR71AAAC-GS08 Datasheet
797Kb / 7P
Little Star 1 W Power SMD LED
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com