Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPTC030N12NM3 Datasheet (PDF) - Infineon Technologies AG

Part # IPTC030N12NM3
Description  MOSFET OptiMOSTM3 Power-Transistor, 120 V
File Size   1619.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPTC030N12NM3 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - IPTC030N12NM3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPTC034N15NM6 INFINEON-IPTC034N15NM6 Datasheet
1Mb / 13P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 1.0 2024-12-09
IPTC039N15NM5 INFINEON-IPTC039N15NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-05-05
More results


Similar Description - IPTC030N12NM3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
BSC077N12NS3G INFINEON-BSC077N12NS3G_15 Datasheet
1Mb / 13P
OptiMOSTM3 Power-Transistor, 120 V
Rev.2.8,2015-12-15
IPA045N10N3G INFINEON-IPA045N10N3G_16 Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
BSC13DN30NSFD INFINEON-BSC13DN30NSFD Datasheet
928Kb / 11P
OptiMOSTM3 Power-Transistor, 300 V
Rev.2.1,2016-12-05
BSC350N20NSFD INFINEON-BSC350N20NSFD Datasheet
937Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.1,2016-12-05
BSC670N25NSFD INFINEON-BSC670N25NSFD Datasheet
932Kb / 11P
OptiMOSTM3 Power-Transistor, 250 V
Rev.2.1,2016-12-05
BSC220N20NSFD INFINEON-BSC220N20NSFD Datasheet
949Kb / 11P
OptiMOSTM3 Power-Transistor, 200 V
Rev.2.0,2018-03-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com