Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4C13NT3G Datasheet (PDF) - ON Semiconductor

Part # NTMFS4C13NT3G
Description  MOSFET – Power, Single, N-Channel, SO-8 FL 30 V, 38 A
File Size   181.55 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4C13NT3G Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS4C13NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4C13NT1G ONSEMI-NTMFS4C13NT1G Datasheet
126Kb / 7P
Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results


Similar Description - NTMFS4C13NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4833N ONSEMI-NTMFS4833N Datasheet
75Kb / 7P
Power MOSFET 30 V, 191 A, Single N-Channel, SO-8 FL
November, 2006 ??Rev. 2
NTMFS4744N ONSEMI-NTMFS4744N Datasheet
93Kb / 7P
Power MOSFET 30 V, 53 A, Single N-Channel, SO-8 FL
July, 2007 - Rev. 4
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
NTMFS4931N ONSEMI-NTMFS4931N Datasheet
123Kb / 7P
Power MOSFET 30 V, 246 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 0
NTMFS4927NT1G ONSEMI-NTMFS4927NT1G Datasheet
120Kb / 7P
Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 8
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
132Kb / 7P
Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
NTMFS4C13NT1G ONSEMI-NTMFS4C13NT1G Datasheet
126Kb / 7P
Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
NTMFS4985NFT1G ONSEMI-NTMFS4985NFT1G Datasheet
120Kb / 7P
Power MOSFET 30 V, 65 A, Single N?묬hannel, SO?? FL
July, 2012 ??Rev. 2
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NTMFS4922NE ONSEMI-NTMFS4922NE Datasheet
165Kb / 8P
Power MOSFET 30 V, 147 A, Single N−Channel, SO−8 FL
May, 2012 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com