Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA1C030LD Datasheet (PDF) - Rohm

Part # RA1C030LD
Description  Nch 20V 3.0A WLCSP MOSFET
File Size   5313.11 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RA1C030LD Datasheet (PDF) - Rohm



Similar Part No. - RA1C030LD

ManufacturerPart #DatasheetDescription
logo
APEM Components, Inc.
RA1CXXXX MULTIMEC-RA1CXXXX Datasheet
191Kb / 8P
basic switch modules
RA1CXXXX MULTIMEC-RA1CXXXX Datasheet
101Kb / 5P
PANEL BUSH, 2.5-4.0
More results


Similar Description - RA1C030LD

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR030P02 ROHM-RTR030P02 Datasheet
104Kb / 5P
Switching (-20V, -3.0A)
RUF025N02TL ROHM-RUF025N02TL Datasheet
723Kb / 12P
Nch 20V 2.5A Power MOSFET
RUL035N02FRA ROHM-RUL035N02FRA Datasheet
951Kb / 14P
Nch 20V 3.5A Power MOSFET
RND030N20 ROHM-RND030N20 Datasheet
409Kb / 13P
Nch 200V 3.0A Power MOSFET
RV2C010UN ROHM-RV2C010UN Datasheet
2Mb / 14P
Nch 20V 1A Power MOSFET
RSQ030N08HZG ROHM-RSQ030N08HZG Datasheet
2Mb / 15P
Nch 80V 3.0A Small Signal MOSFET
QH8KC5 ROHM-QH8KC5 Datasheet
2Mb / 14P
Nch Nch 60V 3.0A Small Signal MOSFET
logo
Guangdong Youtai Semico...
SS32 UMW-SS32 Datasheet
636Kb / 3P
20V-200V 3.0A
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
20V-200V 3.0A
SS32BF UMW-SS32BF Datasheet
648Kb / 3P
20V-200V 3.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com