Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10072-C Datasheet (PDF) - ATGBICS by Approved Technology

Part # 10072-C
Description  10072 Extreme Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
File Size   322.03 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

10072-C Datasheet (PDF) - ATGBICS by Approved Technology



Similar Part No. - 10072-C

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
10072 TURCK-10072 Datasheet
196Kb / 4P
NI10-K20-Y1
11/07/2023
logo
Heyco.
10072 HEYCO-10072 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
1007219 PHOENIX-1007219 Datasheet
48Kb / 2P
Marker cards - SBS 5:UNBEDRUCKT
1007222 PHOENIX-1007222 Datasheet
52Kb / 2P
Marker cards - SBS 6:UNBEDRUCKT
logo
Amphenol Communications...
10072353 AMPHENOLCS-10072353 Datasheet
2Mb / 15P
Minitek® Crimp-to-Wire
More results


Similar Description - 10072-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
10052-C ATGBICS-10052-C Datasheet
322Kb / 9P
10052 Extreme Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
10052H-C ATGBICS-10052H-C Datasheet
322Kb / 9P
10052H Extreme Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ET4201-LX-C ATGBICS-ET4201-LX-C Datasheet
322Kb / 9P
ET4201-LX Edgecore Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFPKT-LX-C ATGBICS-SFPKT-LX-C Datasheet
322Kb / 9P
SFPKT-LX NetOptics Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SMC1GSFP-LX-C ATGBICS-SMC1GSFP-LX-C Datasheet
322Kb / 9P
SMC1GSFP-LX SMC Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com