Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

172132-BC Datasheet (PDF) - Amphenol RF.

Part # 172132-BC
Description  TYPE N BULKHEAD CRIMP JACK RG-55/U, 142/U, 223/U, 400/U BLACK PLATED
File Size   150.52 Kbytes
Html View  1 
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

172132-BC Datasheet (PDF) - Amphenol RF.



Similar Part No. - 172132-BC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1721301108 MOLEX11-1721301108 Datasheet
60Kb / 2P
Impel 92 Ohm, 6 Pair Right-Angle Header, 1.90mm Pitch, Unguided,
1721301108 MOLEX1-1721301108_17 Datasheet
60Kb / 2P
Impel 92 Ohm, 6 Pair Right-Angle Header, 1.90mm Pitch, Unguided, Open Endwalls
logo
PHOENIX CONTACT
1721346 PHOENIX-1721346 Datasheet
130Kb / 6P
MKKDSH 3/ 3
logo
TE Connectivity Ltd
1721348-1 TEC-1721348-1 Datasheet
135Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1721348-2 TEC-1721348-2 Datasheet
135Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results


Similar Description - 172132-BC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
C031-70332 AMPHENOL-C031-70332 Datasheet
48Kb / 1P
MINI BNC BULKHEAD CRIMP JACK (FOR RG-179/U, 187A/U CABLE)
logo
Molex Electronics Ltd.
73100-0038 MOLEX11-73100-0038 Datasheet
30Kb / 1P
50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
0731000038 MOLEX11-0731000038 Datasheet
26Kb / 1P
50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
0731000038 MOLEX-0731000038_V01 Datasheet
28Kb / 1P
50 Ohms, N Jack, Straight, Bulkhead, RG-142, RG-223, RG-400 and RG-55 Cable
logo
Amphenol RF.
31-6843-BC RF-31-6843-BC Datasheet
139Kb / 1P
BNC STR BHD JACK RG-178B/U, 196A/U CABLE BLACK PLATED
Rev. A
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
112526T RF-112526T Datasheet
36Kb / 1P
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07
31-320-RFX RF-31-320-RFX Datasheet
148Kb / 1P
bnC CRIMP PLUG FOR RG-142A/U, 400/U CABLE, 50OHM
11-Jul-16
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com