| Manufacturer | Part # | Datasheet | Description |
 ERNI Electronics |
225122
|
37Kb / 1P |
CCCS M12, 5 pin / M12 5 pin
|
 Alpha Wire |
207
|
212Kb / 2P |
M12-A Male 5 Pin Field Attachable
|
|
DCF
|
173Kb / 2P |
M12-A Male Front Mount PG9 Receptacle
|
|
DCFS
|
191Kb / 2P |
M12-A Male Front Mount M16 Receptacle
|
 PowerDynamics, Inc |
PD-ST1212-P2
|
206Kb / 1P |
METAL IP67 WATERPROOF MALE FRONT PANEL MOUNT
|
 Schneider Electric |
XZCC12MDB50R
|
88Kb / 3P |
male, M12, 5-pin, shielded straight connector
Dec 7, 2020 |
|
XZCR1512064D1
|
115Kb / 4P |
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 1m
Dec 7, 2020 |
 HARTING Technology Grou... |
21033091431
|
524Kb / 3P |
M12 Power S - PCB male front 1pc
2022-10-26 |
 NorComp |
859-005-103R00Y
|
83Kb / 1P |
M12 MALE - PANEL MOUNT (REAR) - SOLDER CUP - 5 POS
REV.03 |
|
859-005-103RP94
|
69Kb / 1P |
M12 // 5 POS // MALE // A CODE // PANEL MOUNT // PG9
REV.00 |