Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C014 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC-C014
Description  GaAs MMIC FUNDAMENTAL MIXER MODULE, 16 - 32 GHz
File Size   445.34 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-C014 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC-C014

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
467Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C011 HITTITE-HMC-C011 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C012 HITTITE-HMC-C012 Datasheet
826Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 400 - 1000 MHz
More results


Similar Description - HMC-C014

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292LC3B HITTITE-HMC292LC3B Datasheet
274Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 16 - 30 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC292LC3B HITTITE-HMC292LC3B_09 Datasheet
189Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 16 - 30 GHz
HMC329LC3B HITTITE-HMC329LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com