Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD280A60 Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOD280A60
Description  600V, aMOS5TM N-Channel Power Transistor
File Size   477.56 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD280A60 Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOD280A60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
80V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD2810 ISC-AOD2810 Datasheet
361Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD2810 VBSEMI-AOD2810 Datasheet
1Mb / 9P
N-Channel 80 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AOD2810 DOINGTER-AOD2810 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
80V N-Channel MOSFET
More results


Similar Description - AOD280A60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB095A60L AOSMD-AOB095A60L Datasheet
463Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev.2.1: December 2020
AOB380A60CL AOSMD-AOB380A60CL Datasheet
503Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOB600A60L AOSMD-AOB600A60L Datasheet
535Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1: December 2021
AOD380A60C AOSMD-AOD380A60C Datasheet
369Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AONV110A60 AOSMD-AONV110A60 Datasheet
518Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: January 2022
AONV310A60 AOSMD-AONV310A60 Datasheet
507Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: December 2021
AOTF160A60L AOSMD-AOTF160A60L Datasheet
440Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: September 2020
AOTF280A60L AOSMD-AOTF280A60L Datasheet
438Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOK065A60FD AOSMD-AOK065A60FD Datasheet
475Kb / 6P
600V,aMOS5TM N-Channel Power Transistor
Rev 1.0: November 2022
AOK040A60 AOSMD-AOK040A60 Datasheet
473Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: October 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com