| Manufacturer | Part # | Datasheet | Description |
 Qorvo, Inc |
QPA9942
|
1Mb / 14P |
3300 - 3800 MHz 4 W High-Efficiency Amplifier
|
 NXP Semiconductors |
A3M34TL139
|
376Kb / 16P |
Airfast Power Amplifier Module
Rev. 0-June 2021 |
|
A3M36SL039
|
2Mb / 33P |
Airfast Power Amplifier Module with Autobias Control
Rev. 1 - September 2022 |
|
A5M36TG140
|
235Kb / 17P |
Airfast Power Amplifier Module
Rev. 1 - January 2023 |
|
A2G22S160-01SR3
|
761Kb / 18P |
1800–2200 MHz, 32 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 01/2022 |
|
A2T21H100-25SR3
|
438Kb / 16P |
2110–2170 MHz, 18 W AVG., 28 V AIRFAST RF POWER LDMOS TRANSISTOR
Rev. 1, 01/2022 |
|
A3G18H500-04SR3
|
414Kb / 18P |
1805–2200 MHz, 107 W AVG., 48 V AIRFAST RF POWER GaN TRANSISTOR
Rev. 1, 08/2020 |
|
A5M35TG140-TC
|
223Kb / 17P |
Airfast Power Amplifier Module
Rev. 1 - January 2023 |
|
A5M36TG140-TC
|
220Kb / 17P |
Airfast Power Amplifier Module
Rev. 1 - April 2023 |
|
A5M36SG239
|
1Mb / 36P |
Airfast Power Amplifier Module with Autobias Control
Rev. 0 - 10 October 2023 |