| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ATV320U02M2C
|
211Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.18 kW, 200...240 V, 1 phase, compact
May 14, 2021 |
|
ATV320U04M2C
|
211Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.37 kW, 200...240 V, 1 phase, compact
May 14, 2021 |
|
ATV320U07M2C
|
212Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, compact
May 14, 2021 |
|
ATV320U15M2C
|
218Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 1.5 kW, 200...240 V, 1 phase, compact
May 14, 2021 |
|
ATV320U02M2B
|
232Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.18 kW, 200...240 V, 1 phase, book
Sep 13, 2021 |
|
ATV320U02M2B
|
233Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.18 kW, 200...240 V, 1 phase, book
Jan 12, 2022 |
|
ATV320U04M2B
|
227Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.37 kW, 200...240 V, 1 phase, book
Jan 11, 2022 |
|
ATV320U06M2B
|
641Kb / 11P |
Variable speed drive, Altivar Machine ATV320, 0.55 kW, 200...240 V, 1 phase, book
Apr 17, 2023 |
|
ATV320U07M2C
|
224Kb / 10P |
Variable speed drive, Altivar Machine ATV320, 0.75 kW, 200...240 V, 1 phase, compact
Jan 12, 2022 |
|
ATV320U11M2B
|
653Kb / 11P |
Variable speed drive, Altivar Machine ATV320, 1.1 kW, 200...240 V, 1 phase, book
Apr 17, 2023 |