Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA113E_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PDTA113E_SER
Description  PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
File Size   235.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA113E_SER Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PDTA113E_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA113EE NXP-PDTA113EE Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
PDTA113EK NXP-PDTA113EK Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
PDTA113EM NXP-PDTA113EM Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA113EMB NEXPERIA-PDTA113EMB Datasheet
755Kb / 13P
PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 1 k廓
logo
NXP Semiconductors
PDTA113ES NXP-PDTA113ES Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
More results


Similar Description - PDTA113E_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PDTA113E NXP-PDTA113E Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
Rev. 05-2 September 2009
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
logo
Nexperia B.V. All right...
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com