| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1300061163
|
38Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/15/2023 |
|
1300061583
|
28Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023 |
|
1300070142
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/21/2023 |
|
1300080098
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
02/28/2023 |
|
1300080117
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
03/21/2023 |
|
1300080157
|
45Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/24/2023 |
|
1300080212
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
01/31/2023 |
|
1300080231
|
37Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/17/2023 |
|
1300080325
|
40Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
02/09/2023 |
|
1300080366
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/28/2023 |