Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5996SD-3333 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5996SD-3333
Description  Dual Linear Regulator with 300mA and 150mA Outputs
File Size   870.0 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996SD-3333 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - LP5996SD-3333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996SD-3333/NOPB TI-LP5996SD-3333/NOPB Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-3333/NOPB TI2-LP5996SD-3333/NOPB Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
LP5996SD-3333/NOPB.A TI2-LP5996SD-3333/NOPB.A Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
More results


Similar Description - LP5996SD-3333

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com