Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

171930601 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171930601
Description  WPME-VDMM - Variable Step Down MicroModule 3.5V - 36V Input / 0.3A Output / 1V - 6V Output
File Size   1985.63 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

171930601 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.



Similar Part No. - 171930601

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1719300000 WEIDMULLER-1719300000 Datasheet
742Kb / 22P
Cable glands
logo
PHOENIX CONTACT
1719309 PHOENIX-1719309 Datasheet
81Kb / 6P
PCB terminal block - SPT 5/ 1-V-7,5
More results


Similar Description - 171930601

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171960501 WURTH-171960501 Datasheet
3Mb / 36P
Variable Step Down MicroModule
logo
Monolithic Power System...
MP24895A MPS-MP24895A Datasheet
905Kb / 14P
6V - 36V, Step-Down, White LED Driver
logo
Wurth Elektronik GmbH &...
171010502 WURTH-171010502 Datasheet
4Mb / 39P
VDMM ??Variable Step Down MicroModule
1.0
171010550 WURTH-171010550 Datasheet
4Mb / 48P
Variable Step Down MicroModule
1.0
171010501 WURTH-171010501 Datasheet
6Mb / 36P
VDMM - Variable Step Down MicroModule 2.5V - 5.5V Input / 1A Output / 0.8V - 5.5V Output
version 2.1
171013801 WURTH-171013801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 1A / 0.85V - 13V Output
Version 1.2
171023801 WURTH-171023801 Datasheet
4Mb / 39P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 2A / 0.85V - 13V Output
Version 1.2
171033801 WURTH-171033801 Datasheet
4Mb / 37P
WPME-VDLM - Variable Step Down LGA Module 3.5V - 38V / 3A / 0.85V - 6V Output
Version 1.2
17301XX35 WURTH-17301XX35 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 1A / Fixed Output 3.3V, 5V, 12V or 15V
version 4.0
17395XX36 WURTH-17395XX36 Datasheet
5Mb / 42P
WPME-FDSM - Fixed Step Down Regulator Module Maximum Input 36V / 500mA / Fixed Output 3.3V, 5V, 12V or 15V
version 3.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com