Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115S-BS00 Datasheet (PDF) - ATTEND Technology Inc.

Part # 115S-BS00
Description  Nano SIM Socket, Dual Card Tray Eject Type, 30u"
File Size   319.39 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115S-BS00 Datasheet (PDF) - ATTEND Technology Inc.



Similar Part No. - 115S-BS00

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
115S-ACA0 ATTEND-115S-ACA0 Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115S-ACA1 ATTEND-115S-ACA1 Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115S-ACA2 ATTEND-115S-ACA2 Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115S-ACA3 ATTEND-115S-ACA3 Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
More results


Similar Description - 115S-BS00

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SF72 JAE-SF72 Datasheet
770Kb / 5P
nano SIM Card Connector
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Molex Electronics Ltd.
1042391430 MOLEX1-1042391430_19 Datasheet
49Kb / 1P
microSD Combo Connector, 2.05mm Height, Pull-Lever Eject, Surface Mount, with Detect Switch, 8-Circuit microSD Card Type, 6-Circuit Nano-SIM Card Type
2007660111 MOLEX1-2007660111_19 Datasheet
51Kb / 1P
Combo 3-in-2 (Nano-SIM and microSD or Dual Nano-SIM Connector, 1.37mm Height
logo
Global Connector Techno...
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
logo
ATTEND Technology Inc.
115S ATTEND-115S Datasheet
523Kb / 8P
Nano SIM Card Socket, Bar Push, 8u" Gold
2019/01/21
115U-A101 ATTEND-115U-A101 Datasheet
319Kb / 5P
Nano SIM Socket, 6 Pin, Tray-Push Push, Lock, G/F, 700 Reel
2022/07/27
115U-B100 ATTEND-115U-B100 Datasheet
319Kb / 5P
Dual Nano SIM Socket, Tray-Push Push, Lock w/Switch, G/F, Reel
2021/12/27
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
115V ATTEND-115V Datasheet
362Kb / 6P
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
2019/08/13
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com