| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN7R6-60PS
|
177Kb / 14P |
N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010 |
|
PSMN7R6-60BS
|
229Kb / 14P |
N-channel 60 V 7.8 m standard level MOSFET in D2PAK
Rev. 2-2 March 2012 |
 Nexperia B.V. All right... |
BUK7K12-60E
|
755Kb / 13P |
Dual N-channel 60 V, 9.3 mΩ standard level MOSFET
11 December 2013 |
|
BUK7Y7R8-80E
|
734Kb / 13P |
N-channel 80 V, 7.8 mΩ standard level MOSFET in LFPAK56
8 May 2013 |
|
PSMN3R0-60PS
|
820Kb / 14P |
N-channel 60 V 3.0 mΩ standard level MOSFET
Rev. 02 - 28 October 2010 |
|
PSMN012-60YS
|
857Kb / 15P |
N-channel LFPAK 60 V, 11.1 mΩ standard level MOSFET
Rev. 01 - 5 January 2010 |
|
PSMN7R0-60YS
|
808Kb / 15P |
N-channel LFPAK 60 V 6.4 mΩ standard level MOSFET
Rev. 02 - 30 March 2010 |
|
PSMN8R5-60YS
|
742Kb / 14P |
N-channel LFPAK 60 V, 8 mΩ standard level MOSFET
22 July 2015 |
|
PSMN015-60PS
|
802Kb / 14P |
N-channel 60 V 14.8 mΩ standard level MOSFET
Rev. 3 - 23 June 2011 |
|
PSMN030-60YS
|
825Kb / 15P |
N-channel LFPAK 60 V 24.7 mΩ standard level MOSFET
Rev. 02 - 25 October 2010 |