| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN8R2-80YS
|
224Kb / 14P |
N-channel LFPAK 80 V 8.5 m廓 standard level MOSFET
Rev. 01-25 June 2009 |
 Nexperia B.V. All right... |
PSMN2R6-40YS
|
733Kb / 13P |
N-channel LFPAK 40 V 2.8 mΩ standard level MOSFET
Rev. 01 - 23 June 2009 |
|
PSMN011-80YS
|
824Kb / 15P |
N-channel LFPAK 80 V 11 mΩ standard level MOSFET
Rev. 02 - 28 October 2010 |
|
PSMN012-60YS
|
857Kb / 15P |
N-channel LFPAK 60 V, 11.1 mΩ standard level MOSFET
Rev. 01 - 5 January 2010 |
|
PSMN7R0-60YS
|
808Kb / 15P |
N-channel LFPAK 60 V 6.4 mΩ standard level MOSFET
Rev. 02 - 30 March 2010 |
|
PSMN013-80YS
|
733Kb / 13P |
N-channel LFPAK 80 V 12.9 mΩ standard level MOSFET
Rev. 01 - 25 June 2009 |
|
PSMN018-80YS
|
830Kb / 15P |
N-channel LFPAK 80 V 18 mΩ standard level MOSFET
Rev. 02 - 28 October 2010 |
|
PSMN026-80YS
|
737Kb / 14P |
N-channel LFPAK 80 V 27.5 mΩ standard level MOSFET
Rev. 01 - 25 June 2009 |
|
PSMN030-60YS
|
825Kb / 15P |
N-channel LFPAK 60 V 24.7 mΩ standard level MOSFET
Rev. 02 - 25 October 2010 |
|
PSMN069-100YS
|
828Kb / 15P |
N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010 |