Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB66918L Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOB66918L
Description  100V N-Channel AlphaSGTTM
File Size   382.15 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB66918L Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOB66918L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB66918L ISC-AOB66918L Datasheet
389Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOB66918L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
International Rectifier
IRHNJ67130 IRF-IRHNJ67130 Datasheet
179Kb / 8P
100V, N-CHANNEL
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB66914L AOSMD-AOB66914L Datasheet
668Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: July 2020
AONR66821 AOSMD-AONR66821 Datasheet
448Kb / 6P
v80V N-Channel AlphaSGTTM
Rev.1.0: May 2022
AOTL66518 AOSMD-AOTL66518 Datasheet
601Kb / 6P
150V N-Channel AlphaSGTTM
Rev.1.0: June 2020
AO4264C AOSMD-AO4264C Datasheet
563Kb / 5P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2021
AOD66620 AOSMD-AOD66620 Datasheet
581Kb / 6P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2020
AOK66914 AOSMD-AOK66914 Datasheet
583Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.1: June 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com