Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD600A70 Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOD600A70
Description  700V, aMOS5TM N-Channel Power Transistor
File Size   667.17 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD600A70 Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOD600A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD600A70R AOSMD-AOD600A70R Datasheet
533Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.3.0: August 2020
logo
Inchange Semiconductor ...
AOD600A70R ISC-AOD600A70R Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOD600A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB380A60CL AOSMD-AOB380A60CL Datasheet
503Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOB600A60L AOSMD-AOB600A60L Datasheet
535Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1: December 2021
AOB600A70L AOSMD-AOB600A70L Datasheet
534Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
AOD280A60 AOSMD-AOD280A60 Datasheet
477Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.1:January 2022
AOD380A60C AOSMD-AOD380A60C Datasheet
369Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
AOD600A70R AOSMD-AOD600A70R Datasheet
533Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.3.0: August 2020
AONV110A60 AOSMD-AONV110A60 Datasheet
518Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: January 2022
AONV310A60 AOSMD-AONV310A60 Datasheet
507Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.1.0: December 2021
AOTF160A60L AOSMD-AOTF160A60L Datasheet
440Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.2.0: September 2020
AOTF280A60L AOSMD-AOTF280A60L Datasheet
438Kb / 6P
600V, aMOS5TM N-Channel Power Transistor
Rev.3.0: September 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com