Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTS4101PT1 Datasheet (PDF) - ON Semiconductor

Part # NTS4101PT1
Description  Power MOSFET -20 V, -1.37 A, Single P-Channel, SC-70
File Size   128.45 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTS4101PT1 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTS4101PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS4101PT1 ONSEMI-NTS4101PT1 Datasheet
106Kb / 5P
Power MOSFET
April, 2011 ??Rev. 3
NTS4101PT1G ONSEMI-NTS4101PT1G Datasheet
106Kb / 5P
Power MOSFET
April, 2011 ??Rev. 3
logo
VBsemi Electronics Co.,...
NTS4101PT1G VBSEMI-NTS4101PT1G Datasheet
1,017Kb / 9P
P-Channel 20 V (D-S) MOSFET
More results


Similar Description - NTS4101PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTS2101P ONSEMI-NTS2101P Datasheet
66Kb / 5P
Power MOSFET ??.0 V, ??.4 A, Single P?묬hannel, SC??0
March, 2006 ??Rev. 1
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
ON Semiconductor
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com