Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3852 Datasheet (PDF) - Bourns Electronic Solutions

Part # 3852
Description  3/4 ˝ Diameter Panel Control
File Size   645.99 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3852 Datasheet (PDF) - Bourns Electronic Solutions



Similar Part No. - 3852

ManufacturerPart #DatasheetDescription
logo
Lumberg
3852 LUMBERG-3852 Datasheet
107Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3852 LUMBERG-3852 Datasheet
391Kb / 4P
Multimodul connectors, pitch 2.5 mm
logo
Carl Kammerling Interna...
3852 CARL-3852 Datasheet
450Kb / 5P
Ratchet crimping pliers
08/05/2007
logo
Molex Electronics Ltd.
3852-9200 MOLEX-3852-9200 Datasheet
288Kb / 6P
T2 Terminator for Male and Female Crimp Terminals
11-05-08
logo
Lumberg
385202 LUMBERG-385202 Datasheet
107Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
More results


Similar Description - 3852

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3862 BOURNS-3862 Datasheet
215Kb / 3P
1/2 Diameter Single-Turn Panel Control
logo
List of Unclassifed Man...
7400 ETC2-7400 Datasheet
222Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
7501 ETC2-7501 Datasheet
141Kb / 1P
3/4 DIAMETER WIRE-WOUND, MULTI-TURN
logo
Bourns Electronic Solut...
3852A-282-103AL BOURNS-3852A-282-103AL Datasheet
316Kb / 3P
Diameter Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_09 Datasheet
237Kb / 3P
3851/3852/3856 - 3/4 Diameter Panel Control
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
Panel Control
3852A-282-103AL BOURNS-3852A-282-103AL_16 Datasheet
250Kb / 3P
Diameter Panel Control
logo
TALEMA Group. LLC
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
Control Panel Transformers
logo
Schneider Electric
HFNF120ICSE007 SCHNEIDER-HFNF120ICSE007 Datasheet
79Kb / 3P
Industrial/Control Panel
19-Feb-2023
logo
Bourns Electronic Solut...
385126-45223 BOURNS-385126-45223 Datasheet
642Kb / 7P
3851/3852/3856 – 3/4 ˝ Diameter Panel Control
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com