Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G00DBVR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC1G00DBVR
Description  Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
File Size   2144.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC1G00DBVR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.



Similar Part No. - SN74LVC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00DBVR TI-SN74LVC1G00DBVR Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVR TI-SN74LVC1G00DBVR Datasheet
668Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVR TI-SN74LVC1G00DBVR Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVR TI1-SN74LVC1G00DBVR Datasheet
1Mb / 36P
SN74LVC1G00_16
SN74LVC1G00DBVR TI2-SN74LVC1G00DBVR Datasheet
2Mb / 44P
SN74LVC1G00 Single 2-Input Positive-NAND Gate
REVISED APRIL 2014
More results


Similar Description - SN74LVC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2232 TI-LMP2232 Datasheet
1Mb / 30P
Operating Voltage Range 1.6V to 5.5V, Input Bias Current 20 fA
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
RT9186AGF RICHTEK-RT9186AGF Datasheet
423Kb / 13P
2.5V to 5.5V Wide Input Range, Guaranteed 500mA Output Current
logo
ams AG
AS1313 AMSCO-AS1313 Datasheet
568Kb / 26P
Wide input voltage range (2.4V to 5.5V)
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
logo
Guangdong Youtai Semico...
SN74LVC1G08 UMW-SN74LVC1G08 Datasheet
2Mb / 10P
Low input current: typical value 0.1uA
SN74LVC1G08 UMW-SN74LVC1G08_V01 Datasheet
2Mb / 10P
Low input current: 0.1uA typical
SN74LVC1G14 UMW-SN74LVC1G14 Datasheet
953Kb / 11P
Low input current: typical value 0.1uA
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com