Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S671C Datasheet (PDF) - Thinki Semiconductor Co., Ltd.

Part # S671C
Description  300A Stud Type Rotary Silicon Rectifier Diode for Generator Exciter
File Size   515.23 Kbytes
Html View  1   2   3   4 
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

S671C Datasheet (PDF) - Thinki Semiconductor Co., Ltd.



Similar Part No. - S671C

ManufacturerPart #DatasheetDescription
logo
Powerbox
S671 POWERBOX-S671 Datasheet
418Kb / 1P
350 WATTS DC/DC SINGLE OUTPUT
logo
Satco Products, Inc.
S6710 SATCO-S6710 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
logo
Heyco.
S6711 HEYCO-S6711 Datasheet
190Kb / 1P
Copper and Aluminum LugRunners
logo
Satco Products, Inc.
S6712 SATCO-S6712 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; GX23 base
S6713 SATCO-S6713 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
More results


Similar Description - S671C

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TRIO DIOTEC-TRIO Datasheet
155Kb / 2P
Triple Exciter Diode for Automotive Alternators etc
logo
Nell Semiconductor Co.,...
300DR04BM NELLSEMI-300DR04BM Datasheet
3Mb / 7P
Standard Recovery Diodes Stud Version, 300A
logo
Naina Semiconductor ltd...
MBR30020CT NAINA-MBR30020CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 300A
MBR30045CT NAINA-MBR30045CT Datasheet
137Kb / 2P
Silicon Schottky Diode, 300A
300-NSR NAINA-300-NSR Datasheet
203Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 300A
logo
Thinki Semiconductor Co...
GB488U THINKISEMI-GB488U Datasheet
1Mb / 4P
300A Stud Type Device Series-Standard Rectifier Diodes
logo
Naina Semiconductor ltd...
300NS NAINA-300NS_17 Datasheet
661Kb / 2P
Standard Recovery Diodes (Stud and Flat Base Type), 300A
logo
Soberton Inc.
E-3304 SOBERTON-E-3304 Datasheet
349Kb / 1P
Exciter
logo
Thinki Semiconductor Co...
GB488U THINKISEMI-GB488U_16 Datasheet
1Mb / 4P
300A Stud Type Device Series-Standard Rectifier Diodes
logo
MacMic
MMD300S160U MACMIC-MMD300S160U Datasheet
198Kb / 3P
300A Rectifier Diode Module
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com