Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN1383 Datasheet (PDF) - ML Accessories Limited. All rights reserved.

Part # SN1383
Description  13A Plug Top with 13A fuse
File Size   214.47 Kbytes
Html View  1 
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

SN1383 Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Similar Part No. - SN1383

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
SN1383BK KNIGHTSBRIDGE-SN1383BK Datasheet
282Kb / 1P
13A Plug Top with 13A fuse
27/03/2024
More results


Similar Description - SN1383

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS130N03 ROHM-RSS130N03 Datasheet
60Kb / 4P
Switching (30V, 13A)
logo
Unisonic Technologies
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
logo
Rohm
RSD131P10 ROHM-RSD131P10 Datasheet
727Kb / 13P
Pch 100V 13A Power MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
Rohm
RQ3E130BN ROHM-RQ3E130BN Datasheet
2Mb / 12P
Nch 30V 13A Middle Power MOSFET
RSS130N03FRA ROHM-RSS130N03FRA Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
RD3P130SP ROHM-RD3P130SP Datasheet
2Mb / 16P
Pch -100V -13A Power MOSFET
RQ3E130MN ROHM-RQ3E130MN Datasheet
622Kb / 11P
Nch 30V 13A Power MOSFET
RSS130N03HZG ROHM-RSS130N03HZG Datasheet
2Mb / 14P
Nch 30V 13A Power MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com