Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJN Datasheet (PDF) - Sensata Technologies, Inc.

Part # AJN
Description  Joystick
File Size   656.47 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

AJN Datasheet (PDF) - Sensata Technologies, Inc.



Similar Part No. - AJN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AJN301N ETC1-AJN301N Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
AJN302N ETC1-AJN302N Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
AJN310N ETC1-AJN310N Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
AJN311N ETC1-AJN311N Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
AJN320N ETC1-AJN320N Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
More results


Similar Description - AJN

ManufacturerPart #DatasheetDescription
logo
GREATECS
JPN10K GREATECS-JPN10K Datasheet
369Kb / 3P
Joystick Potentiometer
logo
Grayhill, Inc
60A18-4-040S GRAYHILL-60A18-4-040S Datasheet
101Kb / 2P
SERIES 60A Joystick
67A-DF-3C-030C GRAYHILL-67A-DF-3C-030C Datasheet
470Kb / 2P
Hall Effect Joystick
67B1 GRAYHILL-67B1 Datasheet
1Mb / 4P
Hall Effect Joystick
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
JOYSTICK ENCODER
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
Schneider Electric
9001K37 SCHNEIDER-9001K37 Datasheet
102Kb / 1P
30MM JOYSTICK 5 POSITION
Jan 4, 2022
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com