Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCTHPMIMO-2-MM Datasheet (PDF) - PCTEL, Inc.

Part # PCTHPMIMO-2-MM
Description  Multi-Band MIMO Antennas for 802.11ac Temporary Mount Applications
File Size   155.01 Kbytes
Html View  1 
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTHPMIMO-2-MM Datasheet (PDF) - PCTEL, Inc.



Similar Part No. - PCTHPMIMO-2-MM

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTHPMIMO-2-MM PCTEL-PCTHPMIMO-2-MM Datasheet
155Kb / 1P
Multi-Band MIMO Antennas for 802.11ac Temporary Mount Applications
More results


Similar Description - PCTHPMIMO-2-MM

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
WLE600VX COMPEX-WLE600VX Datasheet
895Kb / 5P
Dual Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX COMPEX-WLE900VX Datasheet
947Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE600V5-27ESD COMPEX-WLE600V5-27ESD Datasheet
1Mb / 5P
Single Band 5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE600VX-I COMPEX-WLE600VX-I Datasheet
314Kb / 5P
Dual Band 2.4GHz/5GHz 2x2 MIMO 802.11ac Mini PCIe WiFi Module
WLE900VX-I COMPEX-WLE900VX-I Datasheet
340Kb / 5P
Dual Band 2.4 & 5 GHz 3x3 MIMO 802.11ac Mini PCIe WiFi Module
WLE1200V2-22 COMPEX-WLE1200V2-22 Datasheet
768Kb / 4P
Single Band 2.4GHz 4x4 MU-MIMO 802.11ac MiniPCI-e Module
logo
u-blox AG
ANN-MB U-BLOX-ANN-MB Datasheet
923Kb / 12P
Multi-band, high precision GNSS antennas
logo
PCTEL, Inc.
GLHPDLTE-MM PCTEL-GLHPDLTE-MM Datasheet
294Kb / 2P
Multi-Band LTE MIMO & 802.11ac Antennas with High Rejection GPS/GLONASS
GLHPDLTE-SF PCTEL-GLHPDLTE-SF Datasheet
285Kb / 2P
GNSS Multi-Band Antennas, 5G & 4G Dual LTE with 802.11ac
GL7X1-IOTCM-5FT PCTEL-GL7X1-IOTCM-5FT Datasheet
342Kb / 2P
Cabinet Mount GNSS Multi-Band Antenna, Multi-Port LTE and 802.11ac MIMO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com