Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE40T120WD Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE40T120WD
Description  1200V, 40A, Trench FS II Fast IGBT
File Size   1435.99 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE40T120WD Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd



Similar Part No. - NCE40T120WD

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE40T120VT NCEPOWER-NCE40T120VT Datasheet
1Mb / 9P
1200V, 40A, Trench FS II Fast IGBT
V1.0
More results


Similar Description - NCE40T120WD

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HMG40N60T HMSEMI-HMG40N60T Datasheet
1Mb / 6P
600V, 40A, Trench FS II IGBT
HMG15N60D HMSEMI-HMG15N60D Datasheet
1Mb / 8P
600V, 15A, Trench FS II IGBT
logo
Rohm
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
logo
MacMic
MM40G3U120B MACMIC-MM40G3U120B Datasheet
626Kb / 5P
1200V 40A IGBT
logo
Shenzhen Luguang Electr...
LGE07TD60BK LUGUANG-LGE07TD60BK Datasheet
888Kb / 7P
600V, 7A, Trench FS II Fast IGBT
Revision:20170701-P1
logo
Micro Commercial Compon...
MIW40N120 MCC-MIW40N120 Datasheet
2Mb / 6P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-05072020
MIW40N120FLA MCC-MIW40N120FLA Datasheet
4Mb / 7P
Trench and Field Stop IGBT 1200V 40A
Rev.3-1-02202022
logo
Rohm
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGS80TSX2HR ROHM-RGS80TSX2HR Datasheet
902Kb / 10P
1200V 40A Field Stop Trench IGBT
2020.06 - Rev.B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com