Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80055 Datasheet (PDF) - Alpha Wire

Part # 80055
Description  14 (105/34) AWG Tinned Copper
File Size   409.6 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

80055 Datasheet (PDF) - Alpha Wire



Similar Part No. - 80055

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
80055 BRADY-80055 Datasheet
1Mb / 1P
Traffic Control Signs
logo
Festo Corporation.
8005550 FESTO-8005550 Datasheet
75Kb / 1P
Water trap
4/5/22
More results


Similar Description - 80055

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C7108A GENERAL-C7108A Datasheet
72Kb / 1P
1C 14 AWG 105/34 TC
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
C1802 GENERAL-C1802 Datasheet
60Kb / 1P
2C 14 AWG (105/34) OFHC BC PP, PVC
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com