Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78318 Datasheet (PDF) - Alpha Wire

Part # 78318
Description  26 (19/38) AWG Tinned Copper
File Size   408.63 Kbytes
Html View  1   2   3   4 
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78318 Datasheet (PDF) - Alpha Wire



Similar Part No. - 78318

ManufacturerPart #DatasheetDescription
logo
REMA Lipprandt GmbH & C...
78311-00 REMA-78311-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
KNIPEX
7831125 KNIPEX-7831125 Datasheet
117Kb / 2P
Electronic Super Knips®
05.07.2021
logo
Alpha Wire
78312 ALPHAWIRE-78312 Datasheet
408Kb / 4P
26 (19/38) AWG Tinned Copper
logo
REMA Lipprandt GmbH & C...
78312-00 REMA-78312-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Alpha Wire
78313 ALPHAWIRE-78313 Datasheet
408Kb / 4P
26 (19/38) AWG Tinned Copper
More results


Similar Description - 78318

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082265719 MOLEX3-0082265719 Datasheet
225Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 19 Circuits
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
logo
TE Connectivity Ltd
0026G8424 TEC-0026G8424 Datasheet
193Kb / 2P
100 OHM, AWG 26, 19 STRANDS OF AWG 38, TWINAXIAL CABLE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com