Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR3020WT Datasheet (PDF) - International Rectifier

Part # MUR3020WT
Description  Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
File Size   167.65 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MUR3020WT Datasheet (PDF) - International Rectifier



Similar Part No. - MUR3020WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Micro Commercial Compon...
MUR3020WT MCC-MUR3020WT Datasheet
103Kb / 3P
30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
logo
ON Semiconductor
MUR3020WT ONSEMI-MUR3020WT Datasheet
66Kb / 6P
SWITCHMODE Power Rectifiers
January, 2006 ??Rev. 4
logo
Vishay Siliconix
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
30A ULTRAFAST RECTIFIER
More results


Similar Description - MUR3020WT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR1635PBF IRF-MBR1635PBF Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER 16 Amp (IF(AV) = 16Amp , VR = 35-45V )
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Sirectifier Global Corp...
MUR3060PT SIRECT-MUR3060PT Datasheet
180Kb / 4P
Ultrafast Rectifier - 30Amp 600Volt
logo
Fairchild Semiconductor
FFPF10UP60STU FAIRCHILD-FFPF10UP60STU Datasheet
2Mb / 4P
Ultrafast Recovery trr = 40 ns (@ IF = 1 A)
logo
Sanken electric
CTXS-5306S SANKEN-CTXS-5306S Datasheet
269Kb / 6P
VRM = 600 V, IF(AV) = 30 A, trr = 35 ns Fast Recovery Diode
FMNS-4606S SANKEN-FMNS-4606S Datasheet
251Kb / 6P
VRM = 600 V, IF(AV) = 60 A, trr = 100 ns Fast Recovery Diode
logo
Taiwan Semiconductor Co...
UG54GS TSC-UG54GS Datasheet
262Kb / 5P
5A, 200V Ultrafast Rectifier
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
200V 15A 35ns Rectifier
Rev 1.0 27/12/22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com