Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS24D50 Datasheet (PDF) - Teledyne Technologies Incorporated

Part # SS24D50
Description  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
File Size   441.37 Kbytes
Html View  1   2   3   4 
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS24D50 Datasheet (PDF) - Teledyne Technologies Incorporated



Similar Part No. - SS24D50

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
SS24D5-0.2 DATEL-SS24D5-0.2 Datasheet
166Kb / 1P
Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹5 Volts Output
More results


Similar Description - SS24D50

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Teledyne Technologies I...
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
Output to 75A, 510 Vac with Diagnostics
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com