Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC06A065 Datasheet (PDF) - Diodes Incorporated

Part # DSC06A065
Description  6A SILICON CARBIDE SCHOTTKY DIODE
File Size   797.28 Kbytes
Html View  1   2   3   4   5 
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSC06A065 Datasheet (PDF) - Diodes Incorporated



Similar Part No. - DSC06A065

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSC06A065D1 DIODES-DSC06A065D1 Datasheet
621Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
Rev. 3 - 2 November 2022
DSC06A065D1-13 DIODES-DSC06A065D1-13 Datasheet
621Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
Rev. 3 - 2 November 2022
DSC06A065FP DIODES-DSC06A065FP Datasheet
410Kb / 5P
SILICON CARBIDE SCHOTTKY DIODE
Rev. 4 - 2 November 2022
DSC06A065LP DIODES-DSC06A065LP Datasheet
259Kb / 2P
650V SiC Schottky Diodes with Exceptionally Low FOM Provide Highest Efficiency for Power Solutions
April 2025
DSC06A065LP-13 DIODES-DSC06A065LP-13 Datasheet
259Kb / 2P
650V SiC Schottky Diodes with Exceptionally Low FOM Provide Highest Efficiency for Power Solutions
April 2025
More results


Similar Description - DSC06A065

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
logo
Cree, Inc
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
logo
KIA Semiconductor Techn...
06065A KIA-06065A Datasheet
64Kb / 3P
6A竊?50V Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Rectron Semiconductor
SC3S06506A RECTRON-SC3S06506A Datasheet
337Kb / 5P
650V/6A Silicon Carbide Power Schottky Barrier Diode
SC3S06506F RECTRON-SC3S06506F Datasheet
1Mb / 5P
650V/6A Silicon Carbide Schottky Diode
2021 -04 /110 REV:O
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com