Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

934853085 Datasheet (PDF) - Belden Inc.

Part # 934853085
Description  M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²
File Size   741.62 Kbytes
Html View  1   2   3   4 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

934853085 Datasheet (PDF) - Belden Inc.



Similar Part No. - 934853085

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934853081 BELDEN-934853081 Datasheet
742Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
934853082 BELDEN-934853082 Datasheet
742Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
934853083 BELDEN-934853083 Datasheet
742Kb / 4P
M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin(3PE), S-coded, shielded, blue body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
More results


Similar Description - 934853085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200660030 MOLEX-1200660030 Datasheet
45Kb / 1P
Micro-Push (M12) Double-Ended Cordset, 3 Poles, Male (Straight)-to-Female
1200660032 MOLEX-1200660032 Datasheet
45Kb / 1P
Micro-Push (M12) Double-Ended Cordset, 3 Poles, Male (Straight)-to-Female
1200660034 MOLEX-1200660034 Datasheet
45Kb / 1P
Micro-Push (M12) Double-Ended Cordset, 3 Poles, Male (Straight)-to-Female
1200661997 MOLEX-1200661997 Datasheet
49Kb / 1P
Micro-Push (M12) Double-Ended Cordset, 3 Poles, Male (Straight)-to-Female
1200808026 MOLEX-1200808026 Datasheet
24Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
1200808029 MOLEX-1200808029 Datasheet
24Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male
1200835183 MOLEX-1200835183 Datasheet
27Kb / 1P
Ultra-Lock (M12) Double-Ended Cordset, 8 Poles, Female (Straight) to Male (Straight) Shielded Cordset, 0.25mm² PUR/PVC Cable, 1.0m (3.28) Length
09/23/2022
1200070083 MOLEX-1200070083 Datasheet
50Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 0.34mm² PVC Cable, 1.0m (3.28) Length
01/31/2023
1200070473 MOLEX-1200070473 Datasheet
35Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 0.34mm² Black PVC Cable, 1.0m (3.28) Length
12/14/2022
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com