Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-18U Datasheet (PDF) - Rakon Limited

Part # HC-18U
Description  Crystals Referencing to UTE C 93-611 Standard
File Size   216.08 Kbytes
Html View  1 
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

HC-18U Datasheet (PDF) - Rakon Limited



Similar Part No. - HC-18U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
Make & Break Load Switching
logo
Multicomp Pro
HC-1 MULTICOMP-HC-1 Datasheet
257Kb / 2P
Screw-Mount Saddle-Type
29/08/22 V1.0
logo
Tyco Electronics
HC-1/115VDC MACOM-HC-1/115VDC Datasheet
368Kb / 1P
Make & Break Load Switching
HC-1/12VDC MACOM-HC-1/12VDC Datasheet
368Kb / 1P
Make & Break Load Switching
logo
List of Unclassifed Man...
HC-107 ETC1-HC-107 Datasheet
358Kb / 6P
Hybrid Assemblies OPTIC RECEIVER MODULES
More results


Similar Description - HC-18U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31SMX ETC-31SMX Datasheet
105Kb / 1P
STANDARD LOW FREQUENCY SMD CRYSTALS
logo
CTS Corporation
ATP-SM CTS-ATP-SM Datasheet
157Kb / 2P
Standard Crystals
logo
List of Unclassifed Man...
FOX018S ETC1-FOX018S Datasheet
47Kb / 1P
STANDARD CRYSTALS
logo
TAI-SAW TECHNOLOGY CO.,...
TA0914A TAI-SAW-TA0914A Datasheet
436Kb / 7P
SAW Filter 611 MHz
logo
Glenair, Inc.
687-207 GLENAIR-687-207 Datasheet
136Kb / 1P
Composite MIL-C-85049/93 Banding Split-Ring
logo
List of Unclassifed Man...
8255 ETC2-8255 Datasheet
101Kb / 3P
93 Ohm
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com