Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

934849125 Datasheet (PDF) - Belden Inc.

Part # 934849125
Description  M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, shielded, blue body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
File Size   537.37 Kbytes
Html View  1   2   3   4 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

934849125 Datasheet (PDF) - Belden Inc.



Similar Part No. - 934849125

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
934849120 BELDEN-934849120 Datasheet
532Kb / 4P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
934849121 BELDEN-934849121 Datasheet
532Kb / 4P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
934849122 BELDEN-934849122 Datasheet
532Kb / 4P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
934849126 BELDEN-934849126 Datasheet
532Kb / 4P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
934849127 BELDEN-934849127 Datasheet
532Kb / 4P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, L-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
More results


Similar Description - 934849125

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425102 PHOENIX-1425102 Datasheet
119Kb / 4P
Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on Socket straight M12, Lcoded, cable length: 0.6 m, for direct current up to 16 A/63 V
1425103 PHOENIX-1425103 Datasheet
119Kb / 4P
Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on Socket straight M12, Lcoded, cable length: 1.5 m, for direct current up to 16 A/63 V
logo
Schneider Electric
XZCRA151141C2 SCHNEIDER-XZCRA151141C2 Datasheet
108Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 2m
Dec 7, 2020
XZCRA151141C5 SCHNEIDER-XZCRA151141C5 Datasheet
108Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 5m
Dec 7, 2020
XZCRV1511041C1 SCHNEIDER-XZCRV1511041C1 Datasheet
85Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 1m
Dec 7, 2020
XZCRV1511041C2 SCHNEIDER-XZCRV1511041C2 Datasheet
86Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 2m
Dec 7, 2020
XZCRV1511041C5 SCHNEIDER-XZCRV1511041C5 Datasheet
112Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PVC 5m
Dec 7, 2020
logo
Molex Electronics Ltd.
1204000013 MOLEX-1204000013 Datasheet
34Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, PVC Cable, 1.0m Length
11/17/2022
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com